|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
aspc60 power shielded inductors allied part number inductance ( h) tolerance (%) dcr max rated i (ma) aspc60-251k-rc 250 10 0.17 1330 aspc60-102k-rc 1000 10 0.80 610 all specif icat ions subject t o change wit hout not ice. 0.530 max 1.15 nominal 22 awg/tcw 0.270 max rohs allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com features ? magnetically shielded ? epoxy end caps for added lead electrical test equipment physical packaging: bulk only inductance range: 250h ~ 1000h tolerance: 10% across entire range test frequency: 1khz operating temp: -55oc ~ +125oc dissipation for approximately 20oc temp rise inductance / q: hp4342a current: ch301 current source and dcr meter srf: hp4191a / hp4291a marking: eia inductance code tighter tolerances available strength and protection current rating: based on a .33 watt power revised 7/26/10 aspc60-501k-rc 500 10 0.39 880 incr (ma) 60 44 30 dimensions: inches (mm) (13.46) (6.86) (29.21) incremental current: the current at which the inductance will drop 5% dcr: ch301 current source and dcr meter ? 100k
|
Price & Availability of ASPC60-XXXX |